Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 883 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 883 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 879Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 880Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 881Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 882Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 883Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 884Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 885Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 886Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 887Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 976 page
background image
PIM Bus Aborts
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
805
34.3
PIM Bus Aborts
The PIM module supports Peripheral Bus bus aborts, and enforces the following memory map:
Supervisor Access: Unused.
NOTE
Some addresses in the allowed area are not implemented. For these
addresses, READs return $00, and WRITEs are ignored.
34.4
PIM Differences from MAC71xx
•
Removed port H and associated registers
•
Removed Port E GPO and associated register bits
•
Removed RC oscillator
— Can not wakeup from STOP mode
— Glitch filter only runs from peripheral (slow) clock
•
Fixed MUCts01527: Flash programming overwrites PIM registers (Was fixed on MAC71x1
1L47W)
•
Enabled 32-bit DPORTIR register access in non-test mode
•
Changed from Drive Strength to Slew Rate control. Added slew rate control sub-divider bit
•
Added 3 levels of peripheral muxing (CONFIG[8])
34.5
PIM Application Usage
34.5.1
Enabling the PIM
It is not necessary to enable the PIM before it can be used.
Table 34-8. PIM Bus Aborts
Abort
Allowed
$0000-$01bf
$01c0-$03bf
$03c0-$03cf
$03d0-$03df
$03e0-$03ff
$0400-$3fff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com