Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 886 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 886 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 882Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 883Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 884Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 885Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 886Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 887Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 888Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 889Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 890Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 886 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
808
Freescale Semiconductor
34.6
Memory Map and Register Definition
This section provides a detailed description of all memory-mapped registers in the Port Integration
Module.
Table 34-11 shows the memory map for the Port Integration Module. Note that all addresses are offsets;
the absolute address may be computed by adding the specified offset to the base address of the Port
Integration Module.
NOTE
Not all Ports are available on all packages.
Table 34-10. Port Integration Module Memory Map Overview
Address
Port
Base + 0x0000
Port A
Base + 0x0040
Port B
Base + 0x0080
Port C
Base + 0x00C0
Port D
Base + 0x0100
Port E
Base + 0x0140
Port F
Base + 0x0180
Port G
Base + 0x01C0 – Base + 0x03BF
Reserved 1
1. Registers are marked as reserved. If enabled at the SoC level,
accessing these registers will cause bus aborts. Refer to the System
Services Module documentation for more details.
Base + 0x03C0
Global Interrupt Status
Base + 0x03C2
PIM Configuration
Base + 0x03C4
TDI Pad Control
Base + 0x03C6
TDO Pad Control
Base + 0x03C8
TMS Pad Control
Base + 0x03CA
TCK Pad Control
Base + 0x03CC
Reserved
Base + 0x03CE
RESET Pad Control
Base + 0x03D0 – Base + 0x03DF
Reserved1
Base + 0x03E0 – Base + 0x03FF
PORT32IR Registers
Base + 0x0400 – Base + 0x3FFF
Reserved1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com