Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 884 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 884 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 880Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 881Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 882Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 883Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 884Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 885Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 886Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 887Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 888Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 884 / 976 page
background image
PIM Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
806
Freescale Semiconductor
34.5.2
Using Single Pins in a Port
There is no limitation on using single pins in a port. Any combination of GPI, GPO and Peripheral Modes
may be used in a port. It is even possible to use pins in GPI or GPO mode to mimic slower rate peripheral
protocols manually.
34.5.3
Pin versus Port Registers
Table 34-9 summarizes the PIM registers, showing which registers are intended for pin access, which
registers are intended for port-wide access, and which registers are intended for double port-wide (32 pins)
access.
34.5.4
Peripheral Muxing
Figure 34-2 shows an overview of the four levels of functional muxing available on most pins:
•
GPIO (with optional interrupt capability)
•
Primary Peripheral (#1)
•
Secondary Peripheral (#2)
•
Tertiary Peripheral (#3)
Please refer to the PIM Block Guide for a full explanation of using the mode selection for each pin, and
for a complete listing of the functionality of each pin in Primary, Secondary and Tertiary peripheral modes.
Table 34-9. PIM Registers
Addr
Offset
Register
Read/
Write
Pin
Port
Dbl
Port
Register
Name
Function
$000
to
$01E
CONFIGxx
R/W
X
Pin Config
Configures a single pin
MODE[1:0] - Peripheral/GPIO Mode
DDR - Data Direction
ODER - Open Drain Enable
SLEWDIS/SLEW - Slew Rate
PULL[1:0] - Pull-up/Pull-down
PIER - Interrupt Enable
PIFR - Interrupt Flag
$020
PORTIFR
R
X
Port Wide
Interrupt Flag
Read-only port-wide mirror of the PIFR
bits from each CONFIGxx register
$024
PORTDATA
R/W
X
Port Wide Data
Port-wide Data Read/Data Write
$026
PORTIR
R
X
Port Wide Input
The value currently driven on the port
$028
to
$037
PINDATAxx
R/W
X
Pin Data
Pin-wide mirror of the PORTDATA
register. Useful for reading/writing small
numbers of pins on a port, especially using
a DMA.
$3e0
PORT32IR
R
X
Double Port
Wide Input
Combines two PORTIR registers into a
single 32-bit wide register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com