Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 882 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 882 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 878Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 879Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 880Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 881Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 882Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 883Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 884Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 885Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 886Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 882 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
804
Freescale Semiconductor
34.2.4
Port D
This port implements 15 GPIO/Peripheral + 1 GPI/Peripheral pins. All 16-bits are controllable as GPIO,
and the port is controlled as follows:
•
PD0-PD15: Switched by the MODE bits in Port D of the PIM
•
PD2: Always an output (CLKOUT) in Peripheral Mode or in GPO Mode (i.e.-same functionality).
PD2 may also be used as a GPI. Refer to Section 17.7.6, “Enabling and Disabling CLKOUT” for
more details. In addition this pin is used to sample XCLKS.
•
Refer to the PIM Block Guide for the Peripheral Mode functionality of this port
The GPIO registers for this port reside at an offset of $00C0 in the PIM memory map slot.
34.2.5
Port E
This port implements 16 GPI/Peripheral pins. All 16-bits are controllable as GPI, and the port is controlled
as follows:
•
PE0-PE15: Switched by the MODE bits in Port E of the PIM
•
Refer to the PIM Block Guide for the Peripheral Mode functionality of this port
•
When in Peripheral Mode, a Port E pin may also be used as an external ATD trigger
•
No GPO functionality is available on this port
The GPI registers for this port reside at an offset of $0100 in the PIM memory map slot.
34.2.6
Port F
This port implements 16 GPIO/Peripheral pins. All 16-bits are controllable as GPIO, and the port is
controlled as follows:
•
PF0-PF15: Switched by the MODE bits in Port F of the PIM
•
Refer to the PIM Block Guide for the Peripheral Mode functionality of this port
The GPIO registers for this port reside at an offset of $0140 in the GPIO memory map slot.
34.2.7
Port G
This port implements 16 GPIO/Peripheral pins. All 16-bits are controllable as GPIO, and the port is
controlled as follows:
•
PG0-PG15: Switched by the MODE bits in Port G of the PIM
•
Refer to the PIM Block Guide for the Peripheral Mode functionality of this port
The GPIO registers for this port reside at an offset of $0180 in the GPIO memory map slot.
The IIC SDA and SCL pins have the following special settings in Peripheral Mode: ODE=1, IBE=1 (i.e.-
The IIC module requires both SDA and SCL to be open-drain with the input Schmidt trigger enabled).
XIRQ and IRQ have the following special settings in Peripheral Mode: OBE=0, ODE=0, DSE=0, PUS=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com