Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 877 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 877 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 873Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 874Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 875Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 876Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 877Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 878Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 879Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 880Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 881Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
799
34.1.3.2
GPIO Output Mode (CONFIG::MODE[1:0] = 0 0, CONFIG::DDR = 1)
In this mode, also called GPO Mode, the pin is used as a General Purpose Output.
34.1.3.3
GPIO Input Mode (CONFIG::MODE[1:0] = 0 0, CONFIG::DDR = 0)
In this mode, also called GPI Mode, the pin is used as a General Purpose Input.
In GPI mode, it is also possible to use the input as an external interrupt by programming the PIER and
PIFR bits accordingly. When in this mode, the input signals are passed through a glitch filter (running at
Peripheral Bus Clock speed) to avoid spurious external interrupts. The filter is designed so that it must see
4 clock cycles of a negated (passive) signal (setup time), followed by 4 clock cycles of an asserted (active)
signal (hold time) to capture the active edge, and be flagged as an interrupt.
34.2
External Signal Description
For detailed descriptions of a particular pin or pins, please refer to the specific peripheral’s documentation.
Table 34-4. PIM GPIO Mode Configuration
Register / Field
Definition
PORTDATA/PINDATAxx
This value is driven out the pin
PORTIR
This read-only register returns the value currently driven on the pin by the DATA register.
SLEWDIS/SLEW
Slew Rate control bits: Controls the slew rate of the pin (output only).
SLEWDIS = 0
Slew Rate control is disabled
SLEW
0 = Fast slew rate, 1 = Slow slew rate
PULL
These two register bits selects a Pullup or Pulldown on the input, according to the following
table:
00 None
01 None
10 Pulldown
11 Pullup
Table 34-5. PIM GPIO Input Mode Configuration
Register / Field
Definition
PORTDATA/PINDATAxx
This value has no effect.
PORTIR
This read-only register returns the value currently driven on the pin by an external device.
SLEWDIS/SLEW
Slew Rate control bits: Controls the slew rate of the pin (output only).
SLEWDIS = 0
Slew Rate control is disabled
SLEW
0 = Fast slew rate, 1 = Slow slew rate
PULL
These two register bits selects a Pullup or Pulldown on the input, according to the following
table:
00 None
01 None
10 Pulldown
11 Pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com