Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 873 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 873 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 869Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 870Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 871Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 872Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 873Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 874Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 875Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 876Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 877Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
795
Chapter 34
Port Integration Module (PIM_MAC7202)
34.1
Introduction
34.1.1
Overview
The Port Integration Module implements the interfaces between the peripheral modules and the I/O pins,
as well as the GPIO functionality. Figure 34-1 shows the block diagram of this module. The MAC7200
family implements up to seven 16-bit ports. Each pin on the device can be independently configured as
follows:
•
Pin functionality (GPIO, interrupt input or peripheral)
•
Port direction (GPIO mode only)
•
Pull-down or Pull-up enable
•
Open drain enable
•
Slew rate control
When selected to be in Peripheral mode, both the pin’s output and the pin’s configuration are controlled
by the associated peripheral. Figure 34-1 shows the allocation of the different peripherals to the ports.
To assist in software development, all pins can be controlled either in a port-wise or bit-wise manner.
Registers are provided which allow each pin to be independently controlled by writing to a separate
register, but mirror registers are also available to simplify read or write operations by accessing all pins in
a port at the same time.
Each pin is also capable of being used as interrupt source and a pin filter is available to help eliminate
glitches that may generate false interrupts. Like all other interrupt sources in the system, the Port interrupts
may also be used to wakeup the system from low power modes.
Table 34-1. Port Pin and Peripheral Allocation
Port
Peripheral
Port B[0:15]
IIC, DSPI_A, DSPI_B
Port D[2]
GPIO (PIM) Clock
Port D[3:4]
Interrupt Controller
Port E[0:15]
ATD_A
Port F[0:15]
eMIOS, DSPI_C
Port G[0:15]
SCI_A, SCI_B, CAN_A, CAN_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com