Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 871 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 871 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 867Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 868Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 869Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 870Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 871Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 872Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 873Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 874Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 875Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 871 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
793
Interrupt #1 is the only source that has an additional enable bit. Both the CWGI bit in the command word
and the CCIE bit in the ATDINT register must be set in order that the CC flag can generate an interrupt on
the completion of a conversion.
With the ATD module operating in Normal mode, the CC, CP, ETO and CRL flags will be cleared by
writing a ‘1’ to the flag. The CQF, CQE and CQNF flags will not be cleared as these represent the current
state of the command word.
•
Interrupt #1: generated after a conversion finished and CWGI = 1
•
Interrupt #2: generated after a conversion finished and ATDCC[CWCM]= “convert then pause”
•
Interrupt #3: generated when additional edges at the trigger input have been recognized but no
triggers were expected
•
Interrupt #4: generated when a conversion result was overwritten before it could be read
•
Interrupt #5: generated when the command queue is empty
•
Interrupt #6: generated when the command queue is full
•
Interrupt #7: generated when the command queue can store another command word
All interrupts share the same interrupt line. Therefore the flag register must be read to identify the source
of an ATD interrupt.
Table 33-23. ATD Interrupt Vectors
INT#
Interrupt Source
Interrupt
flag
Enable bit
Other
enables
1
Conversion complete
CC
CCIE
CWGI
2
Conversion paused
CP
CPIE
—
3
External trigger overrun
ETO
ETOIE
—
4
Conversion result lost
CRL
CRLIE
—
5
Command queue empty
CQE
CQEIE
—
6
Command queue full
CQF
CQFIE
—
7
Command queue not full
CQNF
CQNFIE
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com