Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 867 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 867 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 863Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 864Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 865Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 866Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 867Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 868Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 869Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 870Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 871Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
789
33.12.3.6 Example 6: Queue Running Idle
This example shows a conversion sequence where the command words are not delivered in time and
therefore the sequence stagnates. This can happen e.g. due to DMA performance issues.
In this sequence all command words use the same setting:
•CMD #n: CWCW = “continuous conversion”
The ATD will execute conversions as long as there is a command word in the ATDCC register. Command
cmd #1 and cmd #2 are executed normally. As after cmd #2 there is no new command word available the
ATD will wait until cmd #3 arrives. Once cmd #3 was written to ATDCW and pushed to ATDCC the
conversion sequence can continue.
Figure 33-34 shows the described sequence:
Figure 33-34. Conversion Procedure for Example 6
33.12.3.7 Example 7: Entering Low-power Mode During a Conversion
This example shows a conversion sequence which gets interrupted as a low-power mode is entered. In this
sequence all command words use the same setting:
•CMD #n: CWCW = “continuous conversion”
The first conversion is started as usual: there is a DMA request for a command word and therefore the
DMA writes cmd #1 to ATDCW which is pushed to ATDCC. At the end of the conversion the result is
pushed to ATDRR. After this the second conversion starts (cmd #2).
During the second conversion the system enters low-power mode (LP-mode). The conversion is
terminated immediately and the command word cmd #3 in ATDCW is discarded. ATDCC and ATDCW
are both empty. Nevertheless no DMA request for a command word (RX request) is asserted.
The conversion result (rst #1), which has not been read before low-power mode was entered, is still
available in the result register and therefore the DMA request (TX request) remains asserted.
After low-power mode is left a request for a new command word is immediately asserted. But as the analog
conversion circuit was disabled during low-power mode no new conversions are allowed to start until the
recovery time tREC elapsed. This is why cmd #4 is written to ATDCW after tREC elapsed. The conversions
started after that time (cmd #4 and cmd #5) are executed normally.
In this example the conversion result rst #1 is read after low-power mode was left. This was done to
illustrate that the TX request is not affected by the low-power mode. It would have been possible to read
ATDRR before entering low-power mode.
empty
cmd #2
cmd #1
empty
#1
empty
empty
empty
RX request
Write ATDCW
ATDCW
ATDCC
ATDRR
rst #3
cmd #4
cmd #2
cmd #3
rst #1
rst #2
empty
#3 empty
cmd #4
cmd #5
empty
C3
C1
CSM
C4
C3
C4
C3
C4
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com