Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 866 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 866 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 862Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 863Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 864Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 865Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 866Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 867Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 868Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 869Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 870Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 866 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
788
Freescale Semiconductor
Each write to either the ATDTRIGCTL or ATDETRIGCH register will stop any conversion that may be
executing. For this example it is assumed that the registers have been configured previously and no
conversions were being executed.
All command words use the same setting:
•CMD #n: CWCW = “wait for trigger”
When the first command word is written to the ATDCW register, the CSM will move from state C1 to C2,
where it will wait for a high level on the analog input channel 7. When this trigger arrives, the CSM will
transition from state C2 to C3 and the actual conversion will be executed (as described in Section 33.12.3.1,
“Example 1: A Simple Conversion,” to Section 33.12.3.3, “Example 3: Interrupted Conversion
Sequence”).
The second command word is executed in the same way. During the conversion the trigger is deasserted.
Even so the conversion will complete. But as the trigger was deasserted the third conversion will not start
after the second one finished. It will start once the trigger is asserted again.
Figure 33-30 shows the conversion procedure for this example:
Figure 33-32. Conversion Procedure for Example 4
Like for the edge-triggered conversions the minimum trigger length is one system clock cycle. Although
it is not recommended to use a level-sensitive trigger with such a short trigger pulse. Generally, a
level-sensitive trigger is used to control how long conversions should be executed.
Due to synchronization and internal processing, the conversion start is delayed by 4 system clock cycles:
Figure 33-33. ATD Level-Based Minimum Trigger
empty
cmd #2
cmd #1
empty
#1
empty
cmd #3
rst #1
empty
empty
RX request
Write ATDCW
ATDCW
ATDCC
ATDRR
TX request
Read ATDRR
Conv. complete
cmd #2
rst #2
empty
cmd #4
cmd #3
wait for trig.
convert
Conv. state
idle
Trigger
wait for trig.
convert
convert
Trigger
Conversion
Status
idle
converting
//
sys. clk
//
//
//
//
//
converting
//
//
//
//
idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com