Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 862 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 862 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 859Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 860Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 861Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 862Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 863Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 864Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 865Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 866Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
784
Freescale Semiconductor
3. CMD #4, CMD #5: CWCM= “11” (convert continuously)
After writing the first command (cmd #1) to the ATDCW register the CSM will transition from state C1 to
C3. The command word is pushed from ATDCW to ATDCC.
As ATDCW is again empty the ATD will assert a DMA request to receive a new command word. The state
machine that fetches a new command, now called NSM, will transition from state N1 to N2. It will wait
for a new command word (cmd #2) being written to ATDCW. This process has no influence on the current
conversion. When the command word is available the NSM will go back from state N2 to N1.
After completion of conversion #1 (the result was pushed to ATDRR) the CSM will transition to state C4
where it will check that a new command word is available. As in this example this is the case the CSM
will transition to state C3 which will push the command word from ATDCW to ATDCC and start the
second conversion.
If there was no command word available in ATDCW, the CSM would stay in state C4 until the command
word was received.
In parallel to the second conversion the RSM will assert a DMA request to indicate that there is a result
pending in ATDRR (rst #1).
If the second conversion finishes before the result of the first conversion in the ATDRR register is read a
conversion loss will occur. This will be indicated by setting the CRL flag in the ATDFLAG register. For
this example it is assumed that ATDRR is read in time.
Also during the second conversion the NSM will assert a DMA request to receive a new command word
as ATDCW is empty again. It is assumed that a new command word is available before conversion #2 will
finish.
After completion of conversion #2 the CSM will again transition from C3 to C4 and check the availability
of a new command. As in this example the third command word is available in ATDCW the CSM will
transition to C3 and execute conversion #3.
Again it is assumed that the second conversion result is read before the third conversion finishes.
As the third conversion is “convert then pause” the NSM will not assert a DMA request for a new
command word.
After the third conversion has finished, the CSM will move from state C3 to state C1. This is because the
CWCM bits of the last command word are set to “convert then pause”. The ATD will not start any further
conversions, but will try to save the result of the third conversion.
In Figure 33-28 the conversion procedure like described above is shown:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com