Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 858 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 858 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 854Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 855Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 856Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 857Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 859Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 860Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 861Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 862Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 858 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
780
Freescale Semiconductor
To compensate temperature influences it is recommended to do the calibration e.g. every 100 .. 500ms
especially when the device is heating up. The calibration frequency might be reduced when the
temperature is expected to be stable.
33.12.2.3.1
Sample Special Channel 75% x (VRH -VRL)
To sample this channel a command word with the value 0x638B must be written to ATDCW. Table 33-21
shows of what settings this value is composed:
When the conversion finished (CC flag is set) the result can be read. To reduce the influence on the
conversion result caused by noise on the ATD supply pins this conversion should be repeated several times.
Depending on the result variance the mean or median can be used.
NOTE
When converting this special channel the predischarge feature must be
enabled to reduce the influence of parasitic charges. The predischarge time
can be two ATD clock cycles or higher.
33.12.2.3.2
Sample Special Channel 25% x (VRH -VRL)
To sample this channel a command word with the value 0x638C must be written to ATDCW. This value
represents the bit values shown in Table 33-21 but CWCH = 0b0_1100.
When the conversion finished (CC flag is set) the result can be read. To reduce the influence on the
conversion result caused by noise on the ATD supply pins this conversion should be repeated several times.
Depending on the result variance the mean or median can be used.
NOTE
When converting this special channel the predischarge feature must be
enabled to reduce the influence of parasitic charges. The predischarge time
can be two ATD clock cycles or higher.
Table 33-21. Command Word #1 to Determine Gain and Offset
Bit(s)
Value
Description
CWAR
0b0
use raw conversion result
CWSC
0b1
special channel
CWGI
0b1
Generate an interrupt
CWCM
0b00
Continuous conversion
CWSL
0b01
Eight ATD clock cycles sampling time
CWNF
0b1100
right justified unsigned, 12 bit
CWCH
0b0_1011
special channel 75% x (VRH -VRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com