Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 855 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 855 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 851Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 852Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 853Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 854Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 855Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 856Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 857Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 859Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
777
can be seen that the TUE has been successfully halved with the disadvantage that the maximum TUE
occurs at the beginning and the end of the transfer curve.
33.12.2.1.3
Gain Error Correction via OCC and GCC (Gain Too High)
It depends on the application whether the gain error correction is done only via GCC, only via OCC or
with both. The advantage of changing both is that the TUE can be made constant until Vx is reached (see
blue dotted line in Figure 33-23b). In this case TUEmax is the same as when changing OCC only.
33.12.2.1.4
Gain Error Correction via Warp (Gain Too High)
In Section 33.12.2.1.1, “Gain Error Correction via GCC (Gain Too High)” and Section 33.12.2.1.2, “Gain
Error Correction via OCC (Gain Too High)” it was shown how the TUE can be reduced by doing a
numerical adjustment via GCC and OCC.
Beside this numerical adjustment the ATD has another feature: Warp. This feature will influence the
analog behavior of the conversion circuit. It will adjust the gain and the offset by a fixed value which is
completely independent of OCC and GCC:
Figure 33-24a assumes a gain error (blue line) with gain too high. By enabling the warp-feature the gain
error is reduced and the offset is increased. Usually the error is overcompensated (green curve in
Figure 33-24a). Therefore it is necessary to correct the remaining TUE via GCC and OCC. For further
details please see Section 33.12.2.1.5, “Gain Error Correction via GCC (Gain Too Low)”.
Figure 33-24. Gain Error (Gain Too High) Compensated via Warp
TUEmax
VRH-VRL
VX
VANx
Counts
0xFFF
VRH-VRL
Ideal transfer
curve
Gain too high
VX
Adjusted
0x000
TUE [counts]
VANx
via warp
TUEmax
TUEmax
VRH-VRL
VX
VANx
Counts
VRH-VRL
Ideal transfer
curve
Gain too high
VX
Adjusted
0x000
TUE [counts]
VANx
via warp and
TUEmax
a) Gain adjustment via warp
b) Gain adjustment via warp an: OCC < 0
GCC / OCC
0xFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com