Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 854 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 854 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 850Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 851Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 852Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 853Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 854Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 855Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 856Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 857Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
776
Freescale Semiconductor
33.12.2.1 Gain error
33.12.2.1.1
Gain Error Correction via GCC (Gain Too High)
If the ATD has a gain which is too high, the maximum result value of 0xFFF will already be reached at Vx
(see the blue curve in Figure 33-23). This means that for all voltages higher than Vx the transfer curve will
be clipped and therefore the result will be 0xFFF.
The total unadjusted error (TUE), which is the difference between the ideal and the actual result value, is
shown in the bottom part of Figure 33-23: With the gain too high the TUE reaches its maximum at Vx.
From there it decreases again:
Figure 33-23. Gain Error (Gain Too High) Compensated via GCC and OCC
If the GCC value is chosen correctly the adjusted transfer curve (green curve in Figure 33-23a) will fit the
ideal transfer curve and the TUE will become zero for all results until Vx is reached. When reaching Vx
the TUE will increase to the maximum value (TUEmax) which is the same as in the unadjusted case.
Therefore TUEmax values in the unadjusted and adjusted cases are always the same.
33.12.2.1.2
Gain Error Correction via OCC (Gain Too High)
Another way to reduce the TUE is the offset adjustment. In the given example it is possible to half the
TUEmax by changing the offset: When setting the offset to TUEmax / 2 the transfer curve (magenta curve
in Figure 33-23b) will be moved down. The TUE in this case is shown at the bottom of Figure 33-23b. It
VRH-VRL
VX
VANx
Counts
0xFFF
VRH-VRL
Ideal transfer
curve
Gain too high
VX
Corrected
0x000
TUE [counts]
VANx
VANx
Counts
VRH-VRL
Gain too high
0x000
Corrected via OCC
Ideal transfer
curve
TUE [counts]
VANx
via GCC
VRH-VRL
VX
a) Gain adjustment: GCC < 1
b) Offset adjustment: OCC < 0
TUEmax
Gain too high
Corrected via
OCC and GCC
0xFFF
VX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com