Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 851 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 851 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 847Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 848Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 849Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 850Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 851Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 852Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 853Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 854Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 855Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
773
Figure 33-21. Predischarge Circuit
Before a conversion starts the sampling phase it can start the predischarge phase (see Section 33.11.6,
“Conversion Timing” for details about the various conversion phases). The predischarge phase is only
executed when the ATDMODE.PRED bit is set. Otherwise the phase is skipped. The length of the
predischarge phase can be set by the ATDPTS.TIME bits. It can be set between 1 and 16 ATD clock cycles.
Which predischarge time needs to be selected depends on various factors e.g.:
•
resistance of the PAD pull-down device (voltage dependent)
•
parasitic capacity of the device pin (solder joint etc.)
Discharging the parasitic capacity will also discharge the external RC-filter. Therefore the length of the
predischarge and the sampling phase should be selected in a way which allows the sensor to restore the
filter capacitor voltage that was available before the predischarge phase started. Otherwise the conversion
result value (ATDRR.RRCR) will be lower.
Figure 33-22 shows one timing example for a predischarge phase.:
Figure 33-22. Predischarge Timing
In the example shown in Figure 33-22 for the predischarge phase length three ATD clock cycles were
selected (ATDPTS.TIME = 0b0010). For the sampling phase four ATD clock cycles were selected.
Rf
Sensor
Cf
Csc
Rsc
Rp
AN0
AN31
:
:
:
Sensor circuit
Pad pull-down
Pull enable
RSD
conversion
circuit
ATD
(chip-external)
Smux
Ssc
Device pin
device
predischarge phase
sampling phase
start
idle
conversion phase
ATD clock
Pull enable / Ssc
Conversion state
Smux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com