Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 849 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 849 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 845Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 846Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 847Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 848Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 849Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 850Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 851Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 852Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 853Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
771
Phase 1: Synchronize external triggers
If chip- external triggers are used to start conversions these triggers must be synchronized to the
system clock which takes two system clock cycles. Refer to Section 33.10.2.2, “ATD External
Trigger Channel Register (ATDETRIGCH),” for details about how to set external triggers.
If chip-internal triggers or no triggers are used then this phase will be skipped.
Phase 2: Conversion startup
Phase two can not be skipped as it is always required. It reflects the conversion startup phase.
Phase 3: Predischarge channel
There is the possibility to predischarge the sample capacitor including the parasitic capacity of an
ATD channel. For further details please See 33.11.7 Conversions Using Predischarge. This phase
is optional and will be skipped if the predischarge feature is not used.
Phase 4: Sample channel
During this phase the sample capacitor is charged with the voltage applied to the channel that
should be converted. This phase can not be skipped. But there is the possibility to set different
sampling lengths.
Phase 5: Convert channel
During this phase the voltage at the sample capacitor is converted and a raw conversion result is
generated. The duration of this phase is independent of the result resolution. This phase can not be
skipped.
Phase 6: Adjust result & conversion shutdown
The raw conversion result can be adjusted to decrease the total unadjusted error (TUE). This
adjustment will take 6 system clock cycles. This phase is optional and will be skipped if the result
adjustment feature is not used.
In parallel and independent to the result adjustment the conversion is shutdown. This will take half
an ATD clock cycle.
The duration of this phase depends on what lasts longer: the result adjustment (if not skipped) or
the conversion shutdown.
Phase 7: Conversion processing
Between phase #1 and phase #6 there are additional system clock cycles needed which have no
mentionable meaning. To keep Figure 33.11.6 simple and to provide the full picture all these clock
cycles have been summed up to phase #7.
Duration of a conversion
The duration of a conversion can easily be calculated by summing up the number of clock cycles
needed for the executed phases.
The following example shows the calculation for one of the longest possible conversions:
1. External triggering selected: 2 SYS
2. Conversion startup: 0.5 ATD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com