Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 845 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 845 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 841Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 842Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 843Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 844Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 845Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 846Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 847Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 848Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 849Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 845 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
767
On completion of a conversion the value of the CWCM bits of the current command in ATDCC will
determine how the ATD will continue:
When a conversion finished, the ATD expects the ATDRR to be read. Therefore it will assert a DMA
request. This action is independent of the value of CWCM, and runs in parallel to the conversion process
(see Figure 33-17). If the result has been read the DMA request is deasserted.
It is not possible for the conversion in progress to have a command word with CWCM=00. This is because
writing a command word with this bit value to the ATDCW register will immediately stop any conversion.
While a conversion is running, the ATD will try to get a new command word by asserting a DMA request.
When a new command word is written to the ATDCW (either by the DMA or the core) the DMA request
is deasserted. This scheme allows a new command word to be available before the current conversion
finishes.
The ATD module does not distinguish between an access by the DMA and an access by the MCU. Both
can have access to the ATDCW or the ATDRR registers but only one at the same time.
The following two figures show the conversion process in more detail. As previously mentioned, saving
results (see Figure 33-18a), fetching commands (see Figure 33-18b) and performing conversions (see
Figure 33-17) are independent of each other, and are therefore split into three separate descriptions, shown
in the following figures.
Table 33-19. Conversion Start Behavior
CWCM
Behavior
00
“conversion reset”: Writing such a command word to the command register ATDCW will immediately abort the current
conversion. All bits in the command word beside the CWCM bits are ignored.
If the aborted conversion was either “convert continuously” or “wait for trigger” the ATD will assert a DMA request for
a new command. If the aborted conversion was “convert then pause” the ATD will not assert a DMA request for a new
command. The DMA request for saving the conversion result remains unaffected in both cases.
01
“convert then pause”: The ATD will start a conversion immediately after the command word has been written to
ATDCW and the previous conversion, if any, finished.
10
“wait for trigger”: The ATD will start a conversion only when the previous conversion, if any, finished and a trigger has
been asserted. The trigger definition will be explained later.
11
“convert continuously”: The ATD will start a conversion immediately after the command word has been written to
ATDCW and the previous conversion, if any, finished.
Table 33-20. Conversion Continue Behavior
CWCM
Behavior
00
- Not applicable -
01
The ATD will do nothing but wait. A new conversion will not be started.
10
The ATD will try to start a new conversion. However, this can only be done if there is a new command word available.
If this is the case a new conversion can (according to this command word) start. If not, the ATD will continue waiting
for a new command.
11
The ATD will try to start a new conversion. However, this can only be done if there is a new command word available.
If this is the case a new conversion can (according to this command word) start. If not, the ATD will continue waiting
for a new command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com