| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 844 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 844 Page - Freescale Semiconductor, Inc |
|
844 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 766 Freescale Semiconductor 33.11.5.1 Command Queue Each command work must go through the three stages of the command queue: 1. ATDCW: Stores a new command word 2. ATDCC: Stores the command word for the conversion currently executed 3. ATDRR: Stores the result of a conversion which has been executed already. A command word must be written to the new command word register (ATDCW). From there it is pushed further to the current command word register (ATDCC). A command word is pushed to ATDCC when a previous conversion finished. If there was no previous conversion the command word is immediately pushed to ATDCC after it was written to ATDCW. The ATD conversion state machine (CSM) will execute the current command. Once the result of this conversion has been determined the result (including parts of the current command word) is pushed to the result register (ATDRR): Figure 33-16. ATD Command Queue / Result Register When the content of the ATDCW is pushed to ATDCC, there is again space for a new command word. This makes it possible to have one command word being executed while fetching a new command word. Both, MCU and the DMA, have access to the ATDCW register. The current command word can neither be accessed via the MCU nor via the DMA. Only the conversion state machine is influenced by the current command word. When a conversion finished the result register (ATDRR[31:16]) is updated with the bits ATDCC[31:16] (which have been the bits ATDCW[31:16] before) and the conversion result which is saved in ATDRR[15:0]. The MCU or the DMA can read the result register. 33.11.5.2 Command Processing and DMA Requests When enabling the ATD a command word will automatically be requested. After receiving the first command word the ATD will start converting. The CWCM bits of the command word will tell the ATD how to perform the conversion and what action to take after the conversion has completed: ATDCW New command word Current command word ATDRR Result register Conversion MCU MCU DMA DMA CSM ATDCC ATDCC is empty Conversion finished result |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |