Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 840 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 840 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 837Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 839Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 840Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 841Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 842Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 843Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 844Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
762
Freescale Semiconductor
33.11 Functional Description
33.11.1 General
The ATD performs analog to digital conversions using a redundant signed digit (RSD) architecture. The
ATD is divided into an analog and digital sub-blocks (see Figure 33-1):
The analog sub-block is responsible for multiplexing the various input voltage sources to a sample
capacitor. The voltage across this capacitor is compared with a reference voltage. This will deliver the raw
result to the digital block.
The digital block partly controls the analog part. E.g. it decides when to start conversions, how to
pre-discharge the sample capacitor, how long to sample etc. It also handles read/write accesses and
interrupts.
33.11.2 Analog Conversion Circuit
The analog conversion circuit contains all analog components required to perform a conversion according
to the RSD-algorithm. A separate power supply VDDA/VSSA allows noise isolation from other MCU
circuitry.
This block contains all sub-blocks mentioned in Section 33.11.2.1, “Analog Input Multiplexer” to
Section 33.11.2.4, “Conversion Circuit”.
NOTE
When the ATD is turned on for the first time, the analog conversion circuit
requires a recovery time tREC until reliable conversion results can be
determined1. Any conversion started/ended during that time should be
ignored.
33.11.2.1 Analog Input Multiplexer
The analog input multiplexer connects one of the 32 analog input channels to the sample capacitor.
33.11.2.2 Sample Capacitor
During the sampling phase the sample capacitor is connected to the analog input channel that is currently
converted.
33.11.2.3 Reference Voltage Generation
This block generates all reference voltages needed to determine the raw conversion result.
33.11.2.4 Conversion Circuit
The conversion circuit compares the sampled voltage with the reference voltages.
1. Refer to Appendix A, “Electrical Characteristics” for recovery time tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com