Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 839 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 839 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 837Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 839Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 840Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 841Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 842Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 843Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 839 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
761
NOTE
When converting any of the five ATD reference voltages the predischarge
feature must be enabled to reduce the influence of parasitic charges. The
predischarge time can be two ATD clock cycles or higher.
33.10.2.10 ATD Result Register (ATDRR)
This register contains the result for the last conversion that has been executed. As the result should never
be modified by anyone but the ATD conversion state machine, all bits of this register are read-only.
After a conversion, bits 31 to 16 of the finished command word will be copied to bits 31 to 16 of the result
register without any changes. This allows a better allocation of the executed command word and its
conversion result. Each of the ATDRR[31:16] bits is prefixed with RR, rather than the CW prefix used in
the command word. For example, the RRCH bits have the same function as the CWCH bits. Refer to
Section 33.10.2.9, “ATD Command Word Register (ATDCW) for the function of each bit.
Bits 15 to 0 of the result register (RRCR) will contain the actual conversion result in the numeric format
specified by CWNF. For detailed information about the numeric formats see Figure 33-11 to Figure 33-14
and Table 33-17.
After a conversion, the ATD will assert a DMA request to store the result in memory. Once the result was
read by the MCU the DMA request will be deasserted.
If a result has not been read before a new conversion result arrives, a result loss will occur: The new
conversion result will overwrite the previous one and will set the CRL (conversion result loss) bit in the
flag register (ATDFLAG). Despite that, the ATD will continue executing conversions.
NOTE
If this register contains a conversion result any read access to this register
will mark the current result as read. If not all bytes of this register are read
before a new conversion result arrives no conversion result loss will be
flagged.
To avoid data corruption the software must read all relevant bytes of this
register with one read access.
Address Base + 0x14
Access: User read
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
RRGI
RRCM
RRSL
RRNF
RRCH
W
Reset
000
00
000
00
000
00
0
15
14
13
12
11
10
9
876
54
321
0
RRRCR
W
Reset
000
00
000
00
000
00
0
Figure 33-15. ATD Result Register (ATDRR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com