Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 835 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 835 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 831Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 832Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 833Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 837Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 839Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 835 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
757
•
Conversion reset:
This conversion mode is intended to abort a running conversion. The conversion is aborted
immediately after writing the command word. All bits in the command word beside the CWCM
bits are ignored.
If the aborted conversion was either “convert continuously” or “wait for trigger” the ATD will
assert a DMA request for a new command. If the aborted conversion was “convert then pause” the
26–25
CWSL
Command word sample length. Selects the length of the sample time measured in ATD clock cycles.
00 Sample time of 2 ATD clock periods
01 Sample time of 8 ATD clock periods
10 Sample time of 64 ATD clock periods
11 Sample time of 128 ATD clock periods
24–21
CWNF
Command word numeric format. Determines the numeric format in which the conversion result is stored. The
following tables provide settings for the various available formats.
20–16
CWCH
Command word channel. Determines the input channel that will be sampled. Table 33-18 gives a detailed overview
how to configure CWCH for the desired channel.
15–0
Reserved, should be cleared.
Table 33-16. Conversion Mode Selection Table
CWCM[1:0]
Conversion mode
00
Conversion reset
01
Convert then pause
10
Wait for trigger
11
Convert continuously
Table 33-15. ATDCW Field Descriptions (Continued)
Field
Descriptions
CWNF[1:0]
Conversion Result Numeric Format (Sign/Alignment)
00
Right justified and unsigned
01
Right justified and signed
10
Left justified and unsigned
11
Left justified and signed
CWNF[3:2]
Conversion Result Numeric Format (Resolution)
00
8 Bit
01
10 Bit
10
11 Bit
11
12 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com