Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 837 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 837 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 833Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 837Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 839Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 840Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 841Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
759
a conversion (e.g. 15 to 8 for 8-Bit). The MSB always shows the inverted value compared to the unsigned
numeric format.
The following figure shows how left-justified unsigned conversion will look in the RRCR.
The following figure shows how left-justified signed conversion will look in the RRCR. The MSB always
shows the inverted value compared to the unsigned numeric format.
The other numeric values will be build accordingly.
The following table should explain in more detail how conversion results will look by giving examples
with bit values. The conversion resolution has been chosen as 8-bit:
•
Voltage #1: Vmax =
+5.120 V, Vmin = 0.000 V; 1 LSB = 20 mV
•
Voltage #2: Vmax =
+2.560 V, Vmin = –2.560 V; 1 LSB = 20 mV
RRCR
15
14
13
12
11
10
98
76
54
32
1
0
12 Bit
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LSB
11 Bit
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
10 Bit
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
LSB
8 Bit
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
LSB
Figure 33-12. RRCR for Right Justified Signed
RRCR
15
14
13
12
11
10
98
76
54
32
1
0
12 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LSB
00
00
11 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
00
00
0
10 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
LSB
00
00
00
8 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
LSB
00
00
00
00
Figure 33-13. RRCR for Left Justified Unsigned
RRCR
15
14
13
12
11
10
98
76
54
32
1
0
12 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LSB
00
00
11 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
00
00
0
10 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
LSB
00
00
00
8 Bit
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
LSB
00
00
00
00
Figure 33-14. RRCR for Left Justified Signed 8/10 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com