Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 838 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 838 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 837Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 839Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 840Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 841Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 842Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 838 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
760
Freescale Semiconductor
Please note that the voltage ranges used for the examples shown in Table 33-17 have been selected in a
way to produce understandable results. The maximum voltage values (Vmax) may be outside of the valid
range. For further details about the (conversion) characteristics of the ATD, please refer to Section A.16,
“Analog-to-Digital Converter Characteristics”.
The “regular” printed bits represent the bits used to fill an 8-bit value to a 16-bit value. The bits printed in
“bold” represent the bits determined by the analog-to-digital conversion.
Table 33-17. Numeric Examples for Result Values
Voltage #1
Voltage #2
Right justified
unsigned 8 Bit
Right justified
signed 8 Bit
Left justified
unsigned 8 Bit
Left justified
signed 8 Bit
5.090..5.120
2.530..2.560
0b00000000'11111111
0b00000000'01111111
0b11111111'00000000
0b01111111'00000000
5.070..5.090
2.510..2.530
0b00000000'11111110
0b00000000'01111110
0b11111110'00000000
0b01111110'00000000
5.050..5.070
2.490..2.510
0b00000000'11111101
0b00000000'01111101
0b11111101'00000000
0b01111101'00000000
5.030..5.050
2.470..2.490
0b00000000'11111100
0b00000000'01111100
0b11111100'00000000
0b01111100'00000000
::
::
:
:
2.590..2.610
0.030..0.050
0b00000000'10000010
0b00000000'00000010
0b10000010'00000000
0b00000010'00000000
2.570..2.590
0.010..0.030
0b00000000'10000001
0b00000000'00000001
0b10000001'00000000
0b00000001'00000000
2.550..2.570
-0.010..0.010
0b00000000'10000000
0b00000000'00000000
0b10000000'00000000
0b00000000'00000000
2.530..2.550 -0.030..-0.010
0b00000000'01111111
0b11111111'11111111
0b01111111'00000000
0b11111111'00000000
2.510..2.530 -0.050..-0.030
0b00000000'01111110
0b11111111'11111110
0b01111110'00000000
0b11111110'00000000
2.490..2.510 -0.070..-0.050
0b00000000'01111101
0b11111111'11111101
0b01111101'00000000
0b11111101'00000000
::
::
:
:
0.050..0.070 -2.510..-2.490
0b00000000'00000011
0b11111111'10000011
0b00000011'00000000
0b10000011'00000000
0.030..0.050 -2.530..-2.510
0b00000000'00000010
0b11111111'10000010
0b00000010'00000000
0b10000010'00000000
0.010..0.030 -2.550..-2.530
0b00000000'00000001
0b11111111'10000001
0b00000001'00000000
0b10000001'00000000
0.000..0.010 -2.560..-2.550
0b00000000'00000000
0b11111111'10000000
0b00000000'00000000
0b10000000'00000000
Table 33-18. Channel Selection Table
CWSC
CWCH[4:0]
Sampled voltage
0
0b0_0000 .. 0b1_1111
ATD channel defined by CHWCH[4:0]
1
0b0_0000 .. 0b0_0111
Reserved
1
0b0_1000
ATD reference voltage VRH
1
0b0_1001
ATD reference voltage VRL
1
0b0_1010
ATD reference voltage 50% x (VRH - VRL)
1
0b0_1011
ATD reference voltage 75% x (VRH - VRL)
1
0b0_1100
ATD reference voltage 25% x (VRH - VRL)
1
0b0_1101 .. 0b1_1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com