Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 842 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 842 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 839Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 840Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 841Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 842Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 843Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 844Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 845Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 846Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
764
Freescale Semiconductor
33.11.3.7 Result Adjustment
The analog conversion circuit delivers a so called raw conversion result determined by the RSD-algorithm.
To increase the accuracy the difference between an ideal transfer curve and the real transfer curve is
minimized. This is done with this block. The adjustment is called multiply-and-add (MADD).
33.11.3.8 Conversion Control
The conversion control block takes care that each conversion is executed in the way specified in the
conversion command word. It controls the analog conversion circuit which will have an influence to the
delivered result.
33.11.4 Low Power / Operating Modes
The DMADC1032 can be configured for lower MCU power consumption in different ways:
•
Disabled mode: After reset the ATD is disabled by default as the MDIS bit is set. Maximum power
saving is provided. Although disabled most of the registers remain accessible. For exceptions
please See 33.10.2.8 ATD Flag Register (ATDFLAG).
To execute conversions the ATD must first be enabled by clearing the MDIS bit.
•
Normal mode: To perform conversions, the ATD must be operating in Normal mode. To bring the
ATD into normal mode the MDIS bit must be cleared. This will enable the ATD clocks. Now all
registers are accessible and immediately a DMA-request for a command word is asserted. Also the
analog conversion circuit is powered up. But due to the recovery time tREC of the analog
conversion circuit, the result of conversions started before tREC has elapsed should be ignored as
the results will be unreliable.1
After the MDIS bit is set the ATD will return to Disabled mode. All clocks will be shut down and
the analog conversion circuit will power down. Therefore a running conversion will be terminated
and the command word in the ATDCW register will be discarded. The DMA request for a new
command word will be deasserted. A pending DMA request of a conversion result will remain
asserted until the ATD is enabled again and the result register is read.
•
Doze mode: The ATD will enter Doze mode when the ATDMODE.DOZE bit is set and the MCU
entered Doze mode. Otherwise the ATD will operate like in Normal mode. In Doze mode increased
power saving is provided as the clocks are disabled. Please refer to Chapter 3, “Low Power Modes”
for details on how to enter and exit low power modes.
Entering Doze mode will terminate any conversion currently running and will flush the command
queue. The DMA request for a new command word will be deasserted. A pending DMA request
of a conversion result will remain asserted until the ATD is enabled again and the result register is
read.
Although dozed most of the registers remain accessible. Please refer to Section 33.10, “Memory
Map and Register Definition” to identify which registers are not accessible.
To leave DOZE mode either the MCU has to leave Doze mode or the DOZE bit must be cleared.
1. Refer to Appendix A, “Electrical Characteristics” for recovery time tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com