Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 834 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 834 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 830Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 831Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 832Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 833Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 837Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 834 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
756
Freescale Semiconductor
33.10.2.9 ATD Command Word Register (ATDCW)
This register contains the command word for the next conversion to be executed after the current one.
Each write access to this register will be regarded as a new command word. Therefore it is not
recommended to replace a 16-bit write access to ATDCW[31:16] with two 8-bit write accesses to
ATDCW[31:24] and ATDCW[23:16].
As long as a command word has not become the current command word it will be overwritten by additional
writes to the ATDCW register (See 33.11.5.1 Command Queue).
NOTE
Writing to this register during the Doze mode is not recommended. The
write access will change the register value but it will not be regarded as a
new command word. Therefore it will not start a new conversion after
waking up from Doze mode.
Address Base + 0x10
Access: User read/write
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
CWGI
CWCM
CWSL
CWNF
CWCH
W
Reset
000
00
000
00
000
00
0
15
14
13
12
11
10
9
876
54
321
0
R
0
C
0
00
000
0
0
0
0
0
0
0
0
W
Reset
000
00
000
00
000
00
0
Figure 33-10. ATD Command Word Register (ATDCW)
Table 33-15. ATDCW Field Descriptions
Field
Descriptions
31
CWAR
Command word adjust result. To reduce the total unadjusted error the conversion result can be adjusted using the
gain calibration constant and the offset calibration constant in the ATDCAL register.
0 Use raw conversion result
1 Adjust the conversion result
30
CWSC
Command word special channel selected. Selects between special channels and single-ended conversions. Special
channels are internal reference voltages.
0 Sample channel defined by CWCH
1 Sample special channels
See Table 33-18. Channel Selection Table for details about the channel selection.
29
CWGI
Command word generate interrupt. Defines whether the CC flag (ATDFLAG) should be set after a conversion
finishes.
0 Do not set CC flag
1 Set CC flag
28–27
CWCM
Command word conversion mode. Defines the way channels are sampled. There are four different ways, which are
summarized in table Table 33-16. A more detailed description of the four different mode is given later in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com