Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 830 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 830 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 826Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 827Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 828Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 829Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 830Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 831Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 832Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 833Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
752
Freescale Semiconductor
NOTE
Write accesses to this register are not recommended while a conversion is
running as the conversion result might get corrupted.
33.10.2.6 ATD Predischarge Time Select Register (ATDPTS)
This register defines the duration of the predischarge phase. During the predischarge phase the sample
capacitor and the parasitric capacitiy of the current analog channel will be discharged. The predischarge
Table 33-11. ATDCAL Field Descriptions
Field
Descriptions
31
Reserved, should be cleared.
30–16
GCC
Gain Calibration Constant. This register contains the Gain Calibration Constant used to adjust the ATD conversion
results. The constant is calculated from the Gain value:
• GCC = Gain x 16384.
The GCC range is 0 <= 32767 corresponding to the Gain range 0 <= gain < 2.
Example: Gain is assumed to be 1.024. In this case GCC = 1.024 x 16384 = 16777.2. The value for GCC must be
truncated to 16777. In binary format, this is 0b100_0001_1000_1001.
15–14
Reserved, should be cleared.
13–0
OCC
Offset Calibration Constant. This register contains the Offset Calibration Constant used to adjust conversion results.
It is calculated from the Offset value:
• Offset >= 0: OCC = Offset x 4
• Offset < 0: OCC = Offset x 4 + 16384
The OCC range is 0 <= OCC <= 8191 corresponding to Offset range -2048 <= Offset <= 2047.75 in steps of 0.25.
Example (positive Offset): Offset is assumed to be 3.8. In this case OCC = 3.8 x 4 = 15.2. The value for OCC must
be truncated to 15. In binary format, this is 0b00_0000_0000_1111.
Example (negative Offset): Offset is assumed to be -3.8. In this case OCC = -3.8 x 4 + 16384 =
-15.2 +16384 = 16368.8. The value for OCC must be truncated to 16368. In binary format, this is
0b11_1111_1111_0000.
The following table gives some examples for OCC values vs. Offset value:
OCC[13:0]
Offset (decimal)
0b00_0000_0000_0000
0
0b00_0000_0000_0001
0.25
0b00_0000_0000_0010
0.5
0b01_1111_1111_1111
2047.75
0b10_0000_0000_0000
-2048
0b10_0000_0000_0001
-2047.75
0b11_1111_1111_1111
-0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com