Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 832 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 832 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 828Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 829Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 830Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 831Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 832Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 833Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 832 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
754
Freescale Semiconductor
33.10.2.8 ATD Flag Register (ATDFLAG)
This register contains the interrupt flags for the ATD module. When an event occurs (e.g. a conversion
finished), the appropriate interrupt flag bits is set. If the interrupt enable bit corresponding to the flag is
also set, an interrupt will be asserted to the system interrupt controller. See 33.10.2.7 ATD Interrupt
Register (ATDINT) for the interrupt enable bits.
A flag can be cleared by writing a ‘1’ to it. Writing a ‘0’ has no effect. During a low-power mode, the flags
can not be cleared. For further details about low-power modes please see Section 33.11.4, “Low Power /
Operating Modes”.
Table 33-13. ATDINT Field Descriptions
Field
Description
7
Reserved, should be cleared.
6
CQNFIE
Command queue not full interrupt enable. Enables/disables the interrupt for CQNF (command queue not full).
0 CQNF interrupt is disabled. If CQNF is ‘1’ no interrupt will be generated
1 CQNF interrupt is enabled. If CQNF is ‘1’ an interrupt will be generated
5
CQFIE
Command queue full interrupt enable. Enables/disables the interrupt for CQF (command queue full).
0 CQF interrupt is disabled. If CQF is ‘1’ no interrupt will be generated
1 CQF interrupt is enabled. If CQF is ‘1’ an interrupt will be generated
4
CQEIE
Command queue empty interrupt enable. Enables/disables the interrupt for CQE (command queue empty).
0 CQE interrupt is disabled. If CQE is ‘1’ no interrupt will be generated
1 CQE interrupt is enabled. If CQE is ‘1’ an interrupt will be generated
3
CRLIE
Conversion result lost interrupt enable. Enables/disables the interrupt for CRL (conversion result lost).
0 CRL interrupt is disabled. If CRL is ‘1’ no interrupt will be generated
1 CRL interrupt is enabled. If CRL is ‘1’ an interrupt will be generated
2
ETOIE
External trigger overrun interrupt enable. Enables/disables the interrupt for ETO (external trigger overrun).
0 ETO interrupt is disabled. If ETO is ‘1’ no interrupt will be generated
1 ETO interrupt is enabled. If ETO is ‘1’ an interrupt will be generated
1
CPIE
Conversion paused interrupt enable. Enables/disables the interrupt for CP (conversion paused).
0 CP interrupt is disabled. If CP is ‘1’ no interrupt will be generated
1 CP interrupt is enabled. If CP is ‘1’ an interrupt will be generated
0
CCIE
Conversion complete interrupt enable. Enables/disables the interrupt for CC (conversion complete).
0 CC interrupt is disabled. If CC is ‘1’ no interrupt will be generated
1 CC interrupt is enabled. If CC is ‘1’ an interrupt will be generated
Address Base + 0x0F
Access: User read/write
76
54
321
0
R
0
CQNF
CQF
CQE
CRL
ETO
CP
CC
W
Reset
010
00
000
Figure 33-9. ATD Flag Register (ATDFLAG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com