Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 831 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 831 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 827Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 828Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 829Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 830Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 831Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 832Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 833Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
753
time is used to detect a broken sensor connection. For further details about the predischarge feature please
see Section 33.11.7, “Conversions Using Predischarge”.
33.10.2.7 ATD Interrupt Register (ATDINT)
This register contains the interrupt enable bits corresponding to the flags in the ATDFLAG register. If a
flag is set and the interrupt enable bit for this flag is also set, an interrupt will be asserted to the system
interrupt controller.
Address Base + 0x08
Access: User read/write
76
54
321
0
R
0
0
0
0
TIME
W
Reset
000
00
000
Figure 33-7. ATD Predischarge Time Select Register (ATDPTS)
Table 33-12. ATDPTS Field Descriptions
Field
Description
7–4
Reserved, should be cleared.
3–0
TIME
Defines the time during which the sample capacitor will be discharged. During this time also the parasitic capacities
of the current ATD channel will be discharged. The time can be selected between 2 ATD clock cycles and 16 ATD
clock cycles (TIME = 0x01..0x0F). TIME = 0x00 also means 2 ATD clock cycles discharge time.
The ATD channel which will also be predischarged is defined by the CWCH bits of the current command word. The
following scenarios are possible:
• When the current command word selects any channel and the feature ‘special channel’ is not set then the channel
selected by the CWCH bits will be discharged.
• When the current command word selects one of the ATD reference voltage channels only the sample capacitor is
discharged.
The predischarge feature can be enabled via the ATDMODE.PRED bit. Please see Section 33.10.2.4, “ATD
Operating Modes Register (ATDMODE)”. If the feature is disabled the bit values in this register are ignored. For
further details about the Predischarge feature please refer to Section 33.11.7, “Conversions Using Predischarge”.
Address Base + 0x0E
Access: User read/write
76
54
321
0
R
0
CQNFIE
CQFIE
CQEIE
CRLIE
ETOIE
CPIE
CCIE
W
Reset
010
00
000
Figure 33-8. ATD Interrupt Register (ATDINT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com