Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 828 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 828 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 824Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 825Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 826Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 827Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 828Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 829Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 830Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 831Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 832Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
750
Freescale Semiconductor
NOTE
A divide ratio of 1 (prescaler = 0b00000000) can not be set. When writing
0x00 to ATDPRE the register will automatically be set to 0x01 (divide
ratio = 2).
NOTE
Executing conversions with a clock frequency above 12 MHz or below
0.5 MHz will lead to unreliable conversion results.
NOTE
Writing to this register will stop the current conversion and discard the
command word in ATDCW. A DMA-request for fetching a command word
will be asserted. The DMA-request for saving a result will remain as it is. A
new conversion will start after a command word has been written to the
command register.
33.10.2.4 ATD Operating Modes Register (ATDMODE)
This register provides control bits for the ATD operating modes. For details about the meaning of the
operating modes see Section 33.11.4, “Low Power / Operating Modes.
Address Base + 0x03
Access: User read/write
76
54
321
0
R
MDIS
DOZE
DEBUG
PRED
WARP
0
0
W
Reset
100
00
100
Figure 33-5. ATD Operating Modes Register (ATDMODE)
Table 33-10. ATDMODE Field Descriptions
Field
Description
7
MDIS
Module disable. Causes all ATD clocks to halt and the analog conversion circuit to shut down. This mode offers
maximum power saving. For temporarily disabling the ATD, MDIS can be used but Doze mode is recommended.
0 Module enabled
1 Module disabled
Note: Enabling and disabling of the ATD via the MDIS bit is intended to be used primarily during the startup of the
device. Care should be taken to ensure that the ATD is in an idle state, with no conversions pending, before setting
or clearing MDIS.
6
DOZE
Doze mode support. Causes the analog conversion circuit to shut down but leaves the registers accessible. The
mode is intended for power saving.
0 Do not support Doze mode
1 Support Doze mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com