Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 824 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 824 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 820Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 821Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 822Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 823Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 824Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 825Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 826Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 827Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 828Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
746
Freescale Semiconductor
NOTE
Register Address = Base Address + Address Offset, where the Base Address
is specified in Chapter 9, “Device Memory Map”.
33.10.2 Register Descriptions
This section describes (in address order) all of the DMADC1032 registers and their individual bits. A
detailed register description starts with a figure that contains all bits of the register.
It consists of:
•
Register address: Describes the location of the register in the memory map
•
Bit: The exact bit number for the bit or field within the register
•
R: The value returned for the bit when a read operation on the register is executed
•
W: Describes whether or not the bit is writable
•
Reset: The value of the bit after reset
Those bits that are shaded out are read-only, meaning that writes to that bit will have no effect. If you want
to maintain maximum future compatibility, all unused bits should be masked out during any read/write
operations.
33.10.2.1 ATD Trigger Control Register (ATDTRIGCTL)
This register defines how the ATD uses both external and on-chip triggers. On those devices where the
on-chip triggers are available, this register can be used to configure which trigger (if any) is used to start
a conversion.
Base + 0x02
ATD Prescaler Register (ATDPRE)
8
R/W
A
Base + 0x03
ATD Operating Modes Register (ATDMODE)
8
R/W
A
Base + 0x04
ATD Calibration Register (ATDCAL)
8/16/32
R/W
A
Base + 0x08
ATD Predischarge Time Select Register (ATDPTS)
8
R/W
A
Base + 0x09 .. 0x0D
Reserved
—
—
—
Base + 0x0E
ATD Interrupt Register (ATDINT)
8
R/W
A
Base + 0x0F
ATD Flag Register (ATDFLAG)
8
R/W
D/A
Base + 0x10
ATD Command Word Register (ATDCW)
16/32
R/W
A
Base + 0x14
ATD Result Register (ATDRR)
8/16/32
R
A
1. U = User Mode, S = Supervisor Mode, D = Debug Mode, A = All (No restrictions), V = DFV Mode
Table 33-4. Module Memory Map (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com