Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 823 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 823 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 819Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 820Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 821Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 822Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 823Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 824Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 825Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 826Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 827Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
745
33.9.2.3
VRH
High reference voltage for ATD conversions.
33.9.2.4
VRL
Low reference voltage for ATD conversions.
33.9.2.5
REFBYPC
Positive terminal for external bypass capacitor for reference voltage VREF.
33.9.2.6
ANn
These pins serve as the analog input channels. All pins are single ended inputs only. AN0 .. AN31 can also
be configured as an external trigger source for the ATD conversion. Please refer to Section Chapter 4,
“Signal Description” for availability of the pins.
33.9.2.7
SYSTRIGn
Chip-internal triggers which can start conversions
33.9.2.8
RX req / RX done
DMA request and acknowledge signal for command word receiving
33.9.2.9
TX reg / TX done
DMA request and acknowledge signal for result transmitting
33.9.2.10 SYSTRIG0/1, Interrupt, IP Bus Clock, System Clock
These signals are chip internal signals only. They are shown to give a better overview of the ATD structure.
33.10 Memory Map and Register Definition
33.10.1 Module Memory Map
This section describes the register memory map of the ATD, including the function of each register.
Table 33-4 gives an overview of all available DMADC1032 registers.
Table 33-4. Module Memory Map
Address
Use
Size
Access
Mode1
Base + 0x00
ATD Trigger Control Register (ATDTRIGCTL)
8
R/W
A
Base + 0x01
ATD External Trigger Channel Register
(ATDETRIGCH)
8R/W
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com