Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 819 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 819 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 815Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 816Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 817Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 818Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 819Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 820Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 821Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 822Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 823Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 976 page
background image
The DMADC1032 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
741
NOTE
All PIT timers, except the RTI, run off of the Peripheral Bus Clock, which
is 1/2 the frequency of the System Clock.
If SYSTRIG0 should trigger a conversion, write the reload value to the timer load value register for timer
10 and enable this timer.
If SYSTRIG1 should trigger a conversion, write the reload value to the timer load value register for timer
9 and enable this timer.
In the ATD you must perform the following steps in order to use a system trigger (it is assumed that all
other registers in the ATD are already configured):
1. ATD: Clear MDIS bit
2. ATD: Write $06 to the ATDTRIGCTL register. This selects rising edge sensitivity for SYSTRIG0.
or
3. ATD: Write $0C to the ATDTRIGCTL register. This selects rising edge sensitivity for SYSTRIG1.
4. ATD: Write a command word to the ATDCW register that has the bits CWCM set to ’10’ (wait for
trigger)
After the write of the command word to the ATDCW register is performed, the ATD will start the
conversion when the trigger is asserted.
NOTE
Be aware that a new command word must be provided before the next
trigger is asserted. Otherwise the ETO-flag in the ATDFLAG register will
be set.
33.8
The DMADC1032 Module
33.8.1
Overview
The DMADC1032 is a 32-channel multiplexed input analog-to-digital converter (ATD) with a resolution
of 12 bits. Please refer to Device Electrical Specifications for ATD electrical parameters.
The ATD module can be configured to enable the conversion results to be moved from the result register
to system memory without the intervention of the core by using a DMA channel. ATD conversions are
controlled using a command word which determines aspects of the conversion such as the channel to be
converted or any trigger source used to start the conversion. A DMA channel can also be used to provide
a sequence of conversion commands enabling the device to queue up conversion sequences.
Conversions can be started either under the direct control of the ATD module, or by a trigger source. The
trigger source can be external to the device, using one of the analog channel pins as its input. It can also
be one of the two device-internal programmable timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com