Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 817 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 817 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 813Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 814Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 815Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 816Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 817Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 818Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 819Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 820Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 821Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 976 page
background image
ATD Differences from MAC71xx
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
739
Supervisor Access: Unused.
33.6
ATD Differences from MAC71xx
•
ATD runs directly from system (fast) clock (not programmable)
•
Fixed MUCts01643: Write on bus abort still writes the register
•
Added support for up to 32 channels on a single ATD
— Changed ETRIGCH field in the ATDETRIGCH register from 4 bits to 5 bits
— Changed CWCH field in the ATDCW register from 4 bits to 5 bits
— Changed RRCH field in the ATDRR register from 4 bits to 5 bits
•
Increased resolution for the ATD clock prescaler
— Changed PRES field in the ATDPRE register from 7 bits to 8 bits
•
Added Pre-discharge functionality
— Added the PRED bit in the ATDMODE register
•
Changed from 10
±1 bit@7μs to 12±3 bit@2μs accuracy
— Added the ATDCAL register for calibration
— Added the CWAR bit in the ATDCW register
— Added the RRAR bit in the ATDRR register
•
Added support for 8,10,11 and 12 bit conversions
— Replaced the CW8 bit with the CWNF[3:2] bits in the ATDCW register
— Replaced the RR8 bit with the RRNF[3:2] bits in the ATDRR register
•
Removed sample amplifier bypass functionality
— Removed the CWSB bit in the ATDCW register
— Removed the RRSB bit in the ATDRR register
•
Added Warp feature to increase ATD accuracy
— Added the WARP bit in the ATDMODE register
•
Added Command queue not full interrupt
— Added the CONFIE bit in the ATDINT register
— Added the CQNF bit in the ATDFLAG register
•
Changed interrupt clear in the ATDFLAG register from read register to write ’1’
Table 33-2. ATD Bus Aborts
Abort
Allowed
$0000-$0007
$0008-$000b
$000c-$0013
$0014-$0017 (READ only)
$0018-$3fff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com