Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 816 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 816 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 812Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 813Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 814Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 815Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 816Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 817Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 818Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 819Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 820Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 976 page
background image
ATD Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
738
Freescale Semiconductor
•2
μS minimum conversion time.
•
Internal sample and hold circuitry.
•
Pre-measurement discharge of internal Sample and Hold circuit possible for all channels.
•
Programmable input sample time for various source impedances.
•
Queued conversion sequences supported by DMA controller.
•
Analog inputs configurable as external sample triggers.
•
On-chip timer triggers for sampling.
33.3
ATD Implementation
There are several scenarios for using the ATD on the MAC72xx:
1. A single channel is sampled multiple times, and the results averaged to produce a single reading
2. Multiple channels are continuously sampled (once per channel)
3. The processor switches between combinations of #1 and #2 based on external or internal stimulus.
To support synchronized simultaneous sampling on the 32-channel MAC72xx device, we will have a two
internal triggers (ETRIG) for the ATD. Each ATD will have the following trigger options:
•
No trigger
•
Trigger from ATD Channel xx
•
Trigger from ETRIG0
•
Trigger from ETRIG1
NOTE
What we are referring to above is the sample trigger, not the DMA trigger.
33.4
ATD External Pins
33.5
ATD Bus Aborts
The ATD module supports Peripheral Bus bus aborts, and enforces the following memory map:
Table 33-1. ATD External Pins
Signal
Description
VRH
Connected directly to the VRH pad. Used for external reference voltage (high).
VRL
Connected directly to the VRL pad. Used for external reference voltage (low).
VDDA
Connected directly to the VDDA pad. Used to power the ATD.
VSSA
Connected directly to the VSSA pad. Used to power the ATD.
REFBYPC
Connected directly to the REFBYPC pad. Used to filter noise from the VRH/VRL reference
voltage to improve conversion results.
AN00 - AN15 Connected directly to the PE[0:15] pads. Used as ATD channels or external sample
triggers. The GPIO functionality on these pads is handled inside the PIM block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com