Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 815 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 815 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 811Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 812Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 813Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 814Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 815Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 816Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 817Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 818Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 819Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
737
Chapter 33
A/D Converter (ATD)
33.1
Introduction to the ATD on MAC7200
The MAC7200 family of devices has a single Analog to Digital Converter module (ATD_A), offering up
to 16 analog input channels. The ATD module is connected to the eDMA controller in order to help access
the conversion results and to define the conversions to be performed. Two DMA channels are connected
to the ATD: One channel is used to move the conversion result out of the modules result register, and the
other channel provides a conversion command word. The conversion command word is used to define
parameters such as the mode of conversion, the channel to be converted and the length of the conversion.
By defining a number of conversion words in the MCUs system memory, it is possible to build up a
predefined sequence of conversions which will be executed without the intervention of the CPU. It is also
possible for the CPU to write the conversion command word and to read the conversion results directly on
the module without the need to use the DMA controller.
The ATD module includes the ability to trigger a conversion sequence based on either an external signal,
or by one of two internal signal lines, SYSTRG0 or SYSTRG1.
In order to use an external trigger source to prompt a conversion, any one of the analog channels for the
ATD can be used as the source for this off-chip trigger. The channel to be used must first be defined in the
module External Trigger Channel register. This incoming trigger signal will be synchronized to the system
clock which will introduce a delay of two system clock cycles before the conversion can be triggered.
The internal trigger signal lines are connected to the devices Programmable Interrupt Timer (PIT) which
provides two dedicated programmable 16-bit timers to trigger the Analog to Digital converter. The counter
associated with the SYSTRG[x] lines can be programed with the desired conversion trigger duration. This
counter will count down from this pre-loaded value to zero at the rate defined by the system frequency.
Once at zero the trigger signal will be sent to the ATD and the counter will be reloaded.
The ATD module can be disabled by writing to the MDIS bit in the modules ATDMODE register.
Disabling the module will turn off the clock and shut down the analog circuits, although most of the
module registers remain available to be accessed by the core across the peripheral bus. The MDIS bit is
intended to be used when the module is not required in the application. By default the ATD is disabled after
reset (MDIS=1), so prior to use, the MDIS bit must be cleared.
See Section 33.8, “The DMADC1032 Module” for detailed information about the control and operation
of the Analog to Digital Converter module.
33.2
ATD Features
•
Up to 16 analog input channels.
•
12-bit resolution 9-bit accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com