Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 812 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 812 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 808Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 809Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 810Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 811Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 812Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 813Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 814Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 815Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 816Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 812 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
734
Freescale Semiconductor
During freeze, all registers are accessible. When the Unified Channel is operating in an output mode, the
force match functions remain available, allowing the software to force the output to the desired level.
Note that for input modes, any input events that may occur while the channel is frozen are ignored.
When exiting debug mode or freeze enable bit is cleared (FRZ in the MCR or FREN in the UCCRn
register) the channel actions resume.
32.13.2 IP Bus Interface Unit (BIU)
The BIU provides the interface between the Internal interface bus (IIB) and the Peripheral Bus, allowing
communication among all submodules and this IP interface.
The BIU allows 8, 16 and 32 bits access. They are performed over a 32-bit data bus in a single cycle clock.
32.13.2.1 Effect of Freeze on the BIU
When the FRZ bit in the MCR register is set and the module is in debug mode, the operation of BIU is not
affected.
32.13.3 Global Clock Prescaler Submodule (GCP)
The GCP divides the system clock to generate a clock for the CPs of the Unified Channels. It is a
programmable 8-bit up counter. The main clock signal is prescaled by the value defined in Figure 32-7
according to the GPRE[7:0] bits in MCR register. The output is clocked every time the counter overflows.
Counting is enabled by setting the GPREN bit in the MCR. The counter can be stopped at any time by
clearing this bit, thereby stopping the internal counter in all the Unified Channels.
32.13.3.1 Effect of Freeze on the GCP
When the FRZ bit in the MCR register is set and the module is in debug mode, the operation of GCP
submodule is not affected, i.e., there is no freeze function in this submodule.
32.14 Initialization/Application Information
On resetting the eMIOS all of the Unified Channels enter GPIO input mode.
32.14.1 Considerations
Before changing an operating mode, the UC must be programmed to GPIO mode and UCAn and UCBn
registers must be updated with the correct values for the next operating mode. Then the UCCRn register
can be written with the new operating mode. If a UC is changed from one mode to another without
performing this procedure, the first operation cycle of the selected time base can be random, i.e., matches
can occur in random time if the contents of UCAn or UCBn were not updated with the correct value before
the time base matches the previous contents of UCAn or UCBn.
When interrupts are enabled, the software must clear the FLAG bits before exiting the interrupt service
routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com