Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 809 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 809 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 805Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 806Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 807Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 808Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 809Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 810Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 811Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 812Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 813Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
731
Figure 32-52. OPWMB Mode with 0% Duty Cycle
Figure 32-53 describes the operation of the OPWMB mode with the Output Disable signal being asserted.
The output disable forces a transition in the output pin to the EDPOL bit value. After deasserted, the output
disable allows the output pin to transition at the following A1 or B1 match. Note that the output disable
does not modify the Flag bit behavior. Note that there is one system clock delay between the assertion of
the output disable signal and the transition of the output pin to EDPOL.
1
4
match A1 negedge detection
8
A1 value
$000004
A1 match
A1 match negedge detection
output pin
EDPOL = 0
Selected
TIME
match B1 negedge detection
B1 match
B1 match negedge detection
B1 value
$000008
clock
prescaler
A2 value
$000000
write to A2
$000000
A1 match posedge detection
match A1 posedge detection
1
cycle n
cycle n+1
8
FLAG bit set
counter bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com