Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 805 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 805 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 801Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 802Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 803Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 804Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 805Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 806Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 807Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 808Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 809Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 805 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
727
Figure 32-48. OPWMCB with 100% Duty Cycle (A1=4 and B1=3)
The output disable input, if enabled, cause the output flip-flop to transition to EDPOL inverted. This
feature allows to force the channel output pin to a safety state from the application stand point. The internal
channel matches continue to occur even in this case, thus generating Flags. As soon as the output disable
is deasserted the channel output pin is again controlled by A1 and B1 matches. Note that this process is
synchronous, meaning that the output channel pin transitions only on system clock edges.
It is important to notice that, like in OPWMB and OPWFMB modes, the match signal used to set or clear
the channel output flip-flop is generated on the deassertion of the channel combinational comparator
output signal which compares the selected time base with A1 or B1 register values. Please, refer to
Figure 32-38 which describes the delay from matches to output flip-flop transition in OPWFMB mode.
The operation of OPWMCB mode is similar to OPWFMB regarding matches and output pin transition.
32.13.1.1.17 Output Pulse Width Modulation (OPWM) Mode
Registers A1 and B1 define the leading and trailing edges of the PWM output pulse, respectively.
MODE[0] bit controls the transfer from register B2 to B1, which can be done either immediately
(MODE[0] cleared), providing the fastest change in the duty cycle, or at every match of register A1
(MODE[0] set).
The value loaded in register A1 is compared with the value on the selected time base. When a match on
comparator A occurs, the output flip-flop is set to the value of the EDPOL bit. When a match occurs on
comparator B, the output flip-flop is set to the complement of the EDPOL bit.
FLAG can be generated at match B, when MODE[1] is cleared, or in both matches, when MODE[1] is set.
At any time, the FORCMA and FORCMB bits allow the software to force the output flip-flop to the level
corresponding to a match on A or B respectively. Note that FLAG bit is not set by the FORCMA and
FORCMB operations.
$000001
dead time
$000020
dead time
dead time
write to A2
selected
counter bus
internal
time
base
$000004
A1 value
A2 value
B1 value
B2 value
$000004
$000001
output flip-flop
$000003
$000015
$000003
$000015
$000003
cycle n
cycle n+1
cycle n+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com