Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 802 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 802 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 798Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 799Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 800Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 801Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 802Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 803Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 804Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 805Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 806Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 802 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
724
Freescale Semiconductor
In this mode A1 matches always sets the internal counter to 0x000001. When operating with leading edge
dead time insertion the first A1 match sets the internal counter to 0x000001. When a match occurs between
register B1 and the internal time base, the output flip-flop is set to the value of the EDPOL bit. In the
following match between register A1 and the selected time base, the output flip-flop is set to the
complement of the EDPOL bit. This sequence repeats continuously. Figure 32-46 shows two cycles of a
Center Aligned PWM signal. Note that both A1 and B1 register values are changing within the same cycle
which allows to vary at the same time the duty cycle and dead time values.
Figure 32-46. Output PWMCB with Lead Dead Time Insertion
When operating with trailing edge dead time insertion, the first match between A1 and the selected time
base sets the output flip-flop to the value of the EDPOL bit and sets the internal counter to 0x000001. In
the second match between register A1 and the selected time base, the internal counter is set to 0x000001
and B1 matches are enabled. When the match between register B1 and the selected time base occurs the
output flip-flop is set to the complement of the EDPOL bit. This sequence repeats continuously.
EDPOL = 1
internal
time
base
internal counter is
set to 1 on A1 match
dead-time
A1 value
A2 value
B1 value
B2 value
write to B2
selected
counter bus
$000002
$000004
$000002
$000004
$000015
$000015
write to A2
$000013
$000013
$000001
$000002
$000004
$000015
$000013
$000020
dead-time
output flip-flop
FLAG set event
$000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com