Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 799 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 799 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 795Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 796Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 797Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 798Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 799Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 800Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 801Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 802Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 803Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
721
NOTE
The internal counter may be running in the internal prescaler ratio, while the
selected time base may be running in a different prescaler ratio. The output
signal may produce an unexpected output if the dead time interval is greater
than the duty cycle of the PWM signal.
When operating with leading edge dead time insertion, the first match between A1 and the selected time
base clears the internal counter and switches the selected time base to the internal counter. When a match
occurs between register B1 and the selected time base, the output flip-flop is set to the value of the EDPOL
bit and the time base is switched to the selected counter bus. In the next match between register A1 and
the selected time base, the output flip-flop is set to the complement of the EDPOL bit. This sequence
repeats continuously.
When operating with trailing edge dead time insertion, the first match between A1 and the selected time
base sets the output flip-flop to the value of the EDPOL bit. In the next match between register A1 and the
selected time base, the internal counter is cleared and the selected time base is switched to the internal
counter. When a match occurs between register B1 and the selected time base, the output flip-flop is set to
the complement of the EDPOL bit and the time base is switched to the selected counter bus. This sequence
repeats continuously.
FLAG can be generated in the trailing edge of the output PWM signal when MODE[1] is cleared, or in
both edges, when MODE[1] is set.
At any time, the FORCMA or FORCMB bits are equivalent to a successful comparison on comparator A
or B with the exception that the FLAG bit is not set.
NOTE
When in freeze mode, the FORCMA or FORCMB bits only allow the
software to force the output flip-flop to the level corresponding of a match
on A or B respectively.
If subsequent matches occur on comparators A and B, the PWM pulses continue to be generated,
regardless of the state of the FLAG bit.
In order to achieve a duty cycle of 100%, both registers A1 and B1 must be set to the same value. When a
simultaneous match occurs between the selected time base and registers A1 and B1, the output flip-flop is
set at every period to the value of EDPOL bit and the selected time base switches to the selected counter
bus, allowing a new cycle to begin at any time, as previously described. 0% duty cycle is possible by
writing 0x000000 to register A. When a match occurs, the output flip-flop is set at every period to the
complement of EDPOL bit and the selected time base switches to the selected counter bus, allowing a new
cycle to begin at any time, as previously described. In both cases, FLAG is generated regardless of
MODE[1] bit.
NOTE
If A1 and B1 are set to the 0x000000, a 0% duty cycle waveform is
produced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com