Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 796 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 796 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 792Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 793Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 794Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 795Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 796Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 797Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 798Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 799Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 800Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 796 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
718
Freescale Semiconductor
Figure 32-39. OPWFMB Mode with A1 = 0 (0% duty cycle)
Figure 32-40 describes the timing for the A1 and B1 registers load. The A1 and B1 load use the same signal
which is generated based on the selected counter reaching the value one, or UCCNTn = 1. This event is
defined as the cycle boundary. The load signal pulse has the duration of one system clock cycle and occurs
at the first system clock period of every counter cycle. If A2 and B2 are written within cycle (n) their values
are loaded into A1 and B1, respectively, at the first clock of cycle (n+1). The update disable bits OUDISn
can be used to control the update of these registers, thus allowing to delay the A1 and B1 registers update
for synchronization purposes.
During the load pulse A1 still holds its old value, which is updated only at the following system clock
cycle. During the A1 load pulse an internal by-pass allows to use the A2 value instead of the A1 value for
matches if A2 is either 0 or 1, thus allowing to generate matches even when A1 register is being loaded.
This approach allows a uniform channel operation for any A2 value, including 1 and 0.
In Figure 32-40 it is assumed that the channel and global prescalers are set to one, meaning that the channel
internal counter transition at every system clock cycle. FLAGs can be generated only on B1 matches when
MODE[1] is cleared, or on both A1 and B1 matches when MODE[1] is set. Since B1 FLAG occurs at the
cycle boundary, this flag can be used to indicate that A2 or B2 data written on cycle (n) were loaded to A1
or B1, respectively, thus generating matches in cycle (n+1).
1
4
match A1 negedge detection
5
A1 value
$000004
A1 match
A1 match negedge detection
output pin
EDPOL = 0
UCCNT
TIME
match B1 negedge detection
B1 match
B1 match negedge detection
B1 value
$000008
system clock
prescaler
A2 value
$000000
write to A2
$000000
A1 match posedge detection
match A1 posedge detection
no transition at this point
1
cycle n
cycle n+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com