| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 797 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 797 Page - Freescale Semiconductor, Inc |
|
797 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 719 Figure 32-40. OPWFMB A1 and B1 Registers Update and Flags Figure 32-41 describes the operation of the Output Disable feature in OPWFMB mode. Differently from the OPWFM mode, the output disable forces the channel output flip-flop to EDPOL bit value. This functionality targets applications that use active high signals and a high to low transition at A1 match. In this case EDPOL should be set to 0. Figure 32-41. OPWFMB Mode with Active Output Disable EDPOL = 0 cycle n cycle n+1 cycle n+2 A1 value1 B1 value B2 value $000008 $000002 $000006 $000008 $000001 internal counter $000004 $000006 MODE[0]= 1 A2 value1 $000002 $000004 $000006 $000002 $000004 $000006 $000008 $000006 Output pin write to B2 write to A2 write to A2 Match A1 Match A1 Match B1 Match B1 Match B1 A1/B1 load signal due to B1 match cycle n-1 FLAG set event EDPOL = 0 cycle n cycle n+1 cycle n+2 A1 value B1 value B2 value $000008 $000002 $000006 $000008 $000001 internal counter $000004 $000006 MODE[0]= 1 A2 value $000002 $000004 $000006 $000002 $000004 $000006 $000008 $000006 Output pin write to B2 write to A2 write to A2 Match A1 Match A1 Match B1 Match B1 Match B1 due to B1 match cycle n-1 FLAG set event Output Disable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |