| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 794 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 794 Page - Freescale Semiconductor, Inc |
|
794 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 716 Freescale Semiconductor Figure 32-36. OPWFM with immediate update Figure 32-37. OPWFM with next period update 32.13.1.1.14 Pulse Width and Frequency Modulation Buffered (OPWFMB) Mode This mode provides waveforms with variable duty cycle and frequency. The internal channel counter is automatically selected as the time base when this mode is selected. A1 register indicates the duty cycle and B1 register the frequency. Both A1 and B1 registers are double buffered to allow smooth signal generation when changing the registers values on the fly. 0% and 100% duty cycles are supported. In order to provide smooth and consistent channel operation this mode differs substantially from the OPWFM mode. The main differences reside in the A1 and B1 registers update, on the delay from the A1 match to the output pin transition and on the range of the internal counter values which starts from 1 up to B1 register value. $001000 $000000 UCCNTn Time Match A1 output flip-flop A1 value1 write to B2 $000200 B1 value B2 value2 $000900 $000900 Match B1 Match A1 $001000 $001000 $000200 Match B1 $000900 write to A2/B2 Notes: 1. UCAn = A1 2. UCBn = B2 $000200 $001000 $000900 $000200 A2 = A1according to OUn bit B2 = B1according to OUn bit MODE[0]= 0 $001000 $000000 internal counter Time Match A1 output flip-flop A1 value1 write to B2 $000200 B1 value B2 value2 $000900 Match B1 Match A1 $xxxxxx $001000 $000200 Match B1 $000900 $001000 write to A2/B2 Match A1 Match B1 $000900 $000200 $001000 $000200 $001000 $000200 $000900 Notes: 1. UCAn = A1 2. UCBn = B2 A2 = A1according to OUn bit B2 = B1according to OUn bit MODE[0]= 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |