| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 792 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 792 Page - Freescale Semiconductor, Inc |
|
792 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 714 Freescale Semiconductor Figure 32-33. Modulus Counter Buffered (MCB) Up/Down Mode Figure 32-34 describes in more detail the A1 register update process in up counter mode. The A1 load signal is generated based on the detection of the internal counter reaching one and has the duration of one system clock cycle. Note that during the load pulse A1 still holds its previous value. It is actually updated only at the second system clock cycle. Figure 32-34. MCB Mode A1 Register Update in Up Counter Mode Figure 32-35 describes the A1 register update in up/down counter mode. Note that A2 can be written at any time within cycle (n) in order to be used in cycle (n+1). Thus A1 receives this new value at the next cycle boundary. Note that the update disable bits OUDISn can be used to disable the update of A1 register. UCCNTn TIME write to A2 match A1 match A1 write to A2 $000001 $000005 $000006 $000007 FLAG set event A1 value $000006 $000005 $000007 $000005 $000007 A2 value A1 value $000008 $000008 $000001 internal counter $000004 $000006 A2 value $000008 $000004 $000006 $000002 $000004 $000006 write to A2 write to A2 Match A1 Match A1 A1 load signal 1 8 4 6 Match A1 Selected Counter = 1 Time cycle n cycle n+1 cycle n+2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |