Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 788 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 788 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 784Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 785Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 786Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 787Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 788Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 789Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 790Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 791Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 792Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 788 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
710
Freescale Semiconductor
MODE[0] bit selects which type of encoder will be used: count & direction encoder or phase_A &
phase_B encoders.
When operating with count & direction encoder (MODE[0] cleared), UCn input pin must be connected to
the direction signal and UC[n-1] input pin must be connected to the count signal of the quadrature encoder.
UCn EDPOL bit selects count direction according to direction signal and UC[n-1] EDPOL bit selects if
the internal counter is clocked by the rising or falling edge of the count signal.
When operating with phase_A & phase_B encoder (MODE[0] set), UCn input pin must be connected to
the phase_A signal and UC[n-1] input pin must be connected to the phase_B signal of the quadrature
encoder. EDPOL bit selects the count direction according to the phase difference between phase_A &
phase_B signals.
Figure 32-27 and Figure 32-28 show two Unified Channels configured to quadrature decode mode for
count & direction encoder and phase_A & phase_B encoders, respectively.
Figure 32-27. Quadrature Decode mode example with count & direction encoder
Figure 32-28. Quadrature Decode mode example with phase_a & phase_B encoder
Notes:
1. UCAn => A1
+1 +1 +1 +1 +1 +1 +1
-1 -1 -1 -1 -1
UCCNTn inc/dec
direction (from UCn)
count (from UC[n-1])
$000000
UCCNTn
Time
A1 write
A1 Match
FLAG set event
A1 Match
value 1
(value 1)
MODE[0]
= 0
EDPOL = 1
+1
Notes:
1. UCAn = A1
+1 +1 +1 +1 +1 +1 +1 +1
-1 -1 -1 -1 -1
+1 +1 +1 +1 +1 +1
-1
UCCNTn inc/dec
phase A (from UCn)
phase B (from UC[n-1])
$000000
UCCNTn
Time
A1 write
A1 Match
FLAG set event
A1 Match
A1 Match
A1 Match
A1 Match
A1 write
value 2
value 1
(value 1)
(value 2)
MODE[0]= 1
-1
+1
+1
-1 -1 -1 -1 -1
+1 +1 +1 +1 +1 +1
-1
-1
+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com