Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 787 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 787 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 783Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 784Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 785Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 786Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 787Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 788Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 789Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 790Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 791Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
709
Figure 32-25 and Figure 32-26 show how the Unified Channel can be used for continuos or single shot
pulse/edge counting mode.
Figure 32-25. Pulse/Edge Counting continuous mode example
Figure 32-26. Pulse/Edge Counting single-shot mode example
32.13.1.1.9
Quadrature Decode (QDEC) Mode
Quadrature decode mode uses UCn operating in QDEC mode and the input programmable filter (IPF)
from UC[n-1]. Note that UC[n-1] can be configured, at the same time, to an operation mode that does not
use I/O pins, such as MC mode (modulus counter). The connection among the UCs is circular, i.e., when
UC[0] is running in QDEC mode, the input programmable filter from UC[23] is being used.
This mode generates a FLAG every time the internal counter matches A1 register. The internal counter is
automatically selected and is not cleared when entering this mode.
amount of events detected
$000000
UCCNTn
Time
B1 Match
Flag set event
A1 B1 write
selected counter bus
$000303
$000090
$000303
$000090
A1 value1
$000090
$000090
B1 Match
A1 match
amount of events detected
B1 value2
$000303
$000303
$000303
A1 Match
$000090
Notes: 1. UCAn = A1
2. UCBn = B1
MODE[0]= 0
A2 value3
A2
UCCNTn
A2
UCCNTn
3 ALTAn = A2
amount of events detected
$000000
UCCNTn
Time
B1 Match
Flag set event
A1 B1 write
selected counter bus
$000303
$000090
$000303
$000090
A1 value1
$000090
$000090
B1 Match
A1 match
amount of events detected
B1 value2
$000303
$000303
$000303
A1 Match
$000090
Notes: 1. UCAn = A1
2. UCBn = B1
MODE[0]= 1
A2 value3
A2
UCCNTn
A2
UCCNTn
3 ALTAn = A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com