Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 783 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 783 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 779Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 780Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 781Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 782Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 783Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 784Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 785Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 786Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 787Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
705
in A2 and B1 registers. Transfers from B2 to B1 are then blocked until UCBn is read. After UCBn is read,
register A1 content is transferred to register B1 and the transfers from B2 to B1 are re-enabled to occur at
the transfer edges, which is the leading edge in the Figure 32-20 example.
Figure 32-20. A1 and B1 updates at UCAn and UCBn reads
32.13.1.1.6
Double Action Output Compare (DAOC) Mode
In the DAOC mode the leading and trailing edges of the variable pulse width output are generated by
matches occurring on comparators A and B, respectively.
When the DAOC mode is first selected (coming from GPIO mode) both comparators are disabled.
Comparators A and B are enabled by updating registers A1 and B1 respectively and remain enabled until
a match occurs on that comparator, when it is disabled again. In order to update registers A1 and B1, a
write to A2 and B2 must occur and the OUDISn bit must be cleared.
The output flip-flop is set to the value of EDPOL when a match occurs on comparator A and to the
complement of EDPOL when a match occurs on comparator B.
MODE[0] controls if the FLAG is set on both matches or just on the second match (see Table 32-16 for
details).
If subsequent enabled output compares occur on registers A1 and B1, pulses will continue to be generated,
regardless of the state of the FLAG bit.
At any time, the FORCMA and FORCMB bits allow the software to force the output flip-flop to the level
corresponding to a comparison event in comparator A or B, respectively. Note that the FLAG bit is not
affected by these forced operations.
NOTE
If both registers (A1 and B1) are loaded with the same value, the Unified
Channel behaves as if a single match on comparator B had occurred, i.e., the
output pin will be set to the complement of EDPOL bit and the FLAG bit is
set.
selected counter bus
$000500
$001000
$001100
$001250
$001525
$0016A0
A2(captured) value2
B2(captured) value
B1 value3
$xxxxxx
$001000
$001250
$0016A0
$xxxxxx
$001100
$001525
$xxxxxx
$001000
Input signal1
A
AA
FLAG set event
EDPOL = 1
A1 value
$xxxxxx
$001000
$001000
$001250
$001250
Read UCAn
Read UCBn
$001250
Notes: 1. After input filter
2. UCAn = A2
3. UCBn = B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com