| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 784 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 784 Page - Freescale Semiconductor, Inc |
|
784 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 706 Freescale Semiconductor Figure 32-21 and Figure 32-22 show how the Unified Channel can be used to generate a single output pulse with FLAG bit being set on the second match or on both matches, respectively. Figure 32-21. Double Action Output Compare with FLAG set on the second match Figure 32-22. Double Action Output Compare with FLAG set on both matches 32.13.1.1.7 Pulse/Edge Accumulation (PEA) Mode The PEA mode returns the time taken to detect a desired number of input events. MODE[0] bit selects between continuos or single shot operation. After writing to register A1, the internal counter is cleared on the first input event, ready to start counting input events and the selected timebase is latched into register B2. On the match between the internal counter and register A1, a counter bus capture is triggered to register A2 and B2. The data previously held in register B2 is transferred to register B1 and the FLAG bit is set to indicate that an event has occurred. The desired time interval can be determined subtracting register B1 from A2. Registers UCAn and UCBn return the values in register A2 and B1, respectively. selected counter bus $000500 $001000 $001100 $001000 $001100 A1 value1 B1 value2 $xxxxxx $001100 $001100 $001100 $xxxxxx $001000 $001000 $001000 output flip-flop MODE A1 match B1 match Update to A1 and B1 FLAG set event A1 match B1 match Notes: 1. UCAn = A1 2. UCBn = B1 A2 = A1according to OUn bit B2 = B1according to OUn bit [0]= 0 selected counter bus $000500 $001000 $001100 $001000 $001100 A1 value1 B1 value2 $xxxxxx $001100 $001100 $001100 $xxxxxx $001000 $001000 $001000 output flip-flop A1 match B1 match Update to A1 and B1 FLAG set event A1 match B1 match Notes: 1. UCAn = A1 2. UCBn = B1 A2 = A1according to OUn bit B2 = B1according to OUn bit MODE[0]= 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |