Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 795 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 795 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 791Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 792Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 793Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 794Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 795Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 796Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 797Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 798Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 799Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
717
When a match on comparator A occurs the output register is set to the value of EDPOL. When a match on
comparator B occurs the output register is set to the complement of EDPOL. B1 match also causes the
internal counter to transition to 1, thus re-starting the counter cycle.
Figure 32-38 describes the operation of the OPWFMB mode regarding output pin transitions and A1/B1
registers match events. Note that the output pin transition occurs when the A1 or B1 match signal is
deasserted which is indicated by the A1 match negedge detection signal. If register A1 is set to 0x000004
the output pin transitions 4 counter periods after the cycle had started, plus one system clock cycle. Note
that in the example shown in Figure 32-38 the internal counter prescaler is set to two.
Figure 32-38. OPWFMB A1 and B1 match to Output Register Delay
Figure 32-39 describes the generated output signal if A1 is set to 0. Since the counter does not reach zero
in this mode, the channel internal logic infers a match as if A1=1 with the difference that in this case, the
posedge of the match signal is used to trigger the output pin transition instead of the posedge used when
A1=1. Note that A1 posedge match signal from cycle (n+1) occurs at the same time as B1 negedge match
signal from cycle (n). This allows to use the A1 posedge match to mask the B1 negedge match when they
occur at the same time. The result is that no transition occurs on the output flip-flop and a 0% duty cycle
is generated.
8
1
4
match A1 negedge detection
5
A1 value
$000004
A1 match
A1 match negedge detection
output pin
EDPOL = 0
UCCNT
TIME
match B1 negedge detection
B1 match
B1 match negedge detection
B1 value
$000008
system clock
prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com