Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 793 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 793 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 789Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 790Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 791Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 792Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 793Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 794Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 795Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 796Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 797Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
715
Figure 32-35. MCB Mode A1 Register Update in Up/Down Counter Mode
32.13.1.1.13 Pulse Width and Frequency Modulation (OPWFM) Mode
In this mode, duty cycle of output signal is the value defined in register A1 plus one and the period is the
value defined in register B1 plus one. MODE[0] bit controls the transfer from register B2 to B1, which can
be done either immediately (MODE[0] cleared), providing the fastest change in the duty cycle, or at every
match of register A1 (MODE[0] set).
The internal counter is automatically selected as a time base, therefore the BSL[1:0] bits in register
UCCRn has no meaning. When a match on comparator A occurs, the output flip-flop is set to the value of
the EDPOL bit. When a match occurs on comparator B, the output flip-flop is set to the complement of the
EDPOL bit and the internal counter is cleared.
FLAG can be generated at match B, when MODE[1] is cleared, or in both matches, when MODE[1] is set.
At any time, the FORCMA and FORCMB bits allow the software to force the output flip-flop to the level
corresponding to a match on A or B respectively. Also, FORCMB clears the internal counter. Note that
the FLAG bit is not set by the FORCMA or FORCMB operations.
If subsequent comparisons occur on comparators A and B, the PWFM pulses continue to be output,
regardless of the state of the FLAG bit.
In order to achieve 100% duty cycle, both registers A1 and B1 must be set to the same value. When a
simultaneous match occurs on comparators A and B, the output flip-flop is set at every period to the value
of EDPOL bit. 0% duty cycle is possible by writing 0x000000 to register A. When a match occurs, the
output flip-flop is set at every period to the complement of EDPOL bit. The transfer from register B2 to
B1 is still controlled by MODE[0] bit.
NOTE
Writing 0x000000 to A1 and B1 produces a duty cycle of 0%.
Figure 32-36 shows the Unified Channel running in OPFWM mode with immediate register update and
Figure 32-37 shows the Unified Channel running in OPFWM mode with next period update PFWM mode.
A1 value
$000006
A2 value
$000006
$000005
$000006
$000005
A1 load signal
Selected Counter = 1
UCCNTn
TIME
write to A2
match A1
match A1
write to A2
$000001
$000005
$000006
$000006
cycle n
cycle n+1
cycle n+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com