Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 798 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 798 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 794Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 795Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 796Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 797Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 798Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 799Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 800Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 801Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 802Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
720
Freescale Semiconductor
Note that the output disable has a synchronous operation, meaning that the assertion of the Output Disable
input pin causes the channel output flip-flop to transition to EDPOL at the next system clock cycle. If the
Output Disable input is deasserted the output pin transition at the following A1 or B1 match.
In Figure 32-41 it is assumed that the Output Disable input is enabled and selected for the Channel. Please,
refer to Section 32.12.2.8, “eMIOS Control Register (UCCRn)” for a detailed description about the ODIS
and ODISSL bits, respectively enable and selection of the Output Disable inputs.
The FORCMA and FORCMB bits allow the software to force the output flip-flop to the level
corresponding to a match on comparators A or B respectively. Similar to a B1 match FORCMB sets the
internal counter to 0x000001. The FLAG bit is not set by the FORCMA or FORCMB bits being asserted.
Figure 32-42 describes the generation of 100% and 0% duty cycle signals. It is assumed EDPOL =0 and
the resultant prescaler value is 1. Initially A1=0x000008 and B1=0x000008. In this case, B1 match has
precedence over A1 match, thus the output flip-flop is set to the complement of EDPOL bit. This cycle
corresponds to a 100% duty cycle signal. The same output signal can be generated for any A1 value greater
or equal to B1.
Figure 32-42. OPWFMB Mode from 100% to 0% Duty Cycle
A 0% duty cycle signal is generated if A1=0 as shown in Figure 32-42 cycle 9. In this case B1=0x000008
match from cycle 8 occurs at the same time as the A1=0x000000 match from cycle 9. Please, refer to
Figure 32-39 for a description of the A1 and B1 match generation. In this case A1 match has precedence
over B1 match and the output signal transitions to EDPOL.
32.13.1.1.15 Center Aligned Output Pulse Width Modulation with Dead-Time (OPWMC)
Mode
This operation mode generates a center aligned PWM with dead time insertion in the leading or trailing
edge. The selected counter bus must be running an up/down time base, as shown in Figure 32-31. BSL[1:0]
bits select the time base. Register A1 contains the ideal duty cycle for the PWM signal and is compared
with the selected time base. Register B1 contains the dead time value and is compared with the internal
counter. For a leading edge dead time insertion, the output PWM duty cycle is equal to the difference
between register A1 and register B1, and for a trailing edge dead time insertion, the output PWM duty
cycle is equal to the sum of register A1 and register B1. Mode[0] bit selects between trailing and leading
dead time insertion, respectively.
$000008
$000007
$000006
$000005
$000004
$000003
$000002
$000001
$000000
0%
100%
UCCNT
EDPOL = 0
A1 value
B1 value
Output pin
$000008
Prescaler = 1
cycle 1
cycle 2
cycle 3
cycle 4
cycle 5
cycle 6
cycle 7
cycle 8
cycle 9
$000007
$000006
$000005
$000004
$000003
$000002
$000001
$000000
A2 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com